ATS-14F-206-C2-R0
AI

## Electronic Component Analysis: ATS-14F-206-C2-R0
The **ATS-14F-206-C2-R0** is a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.71 °C/W (at 100 LFM) |
| **Attachment Method** | Push Pin (Plastic) |
| **Dimensions** | 50mm x 50mm x 10mm |
| **Spring Type** | ATS-PPS-14 |
---
### 2. Design and Functional Features
* **Low Profile:** The "10mm" height makes it ideal for space-constrained environments such as 1U servers or thin-client devices.
* **XC Cut (Cross-Cut):** The fin design is cross-cut, which allows for multi-directional airflow. This makes it efficient even if the airflow direction is not perfectly aligned with the heat sink fins.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized coating provides surface protection and slightly increases thermal emissivity compared to bare aluminum.
* **Push-Pin Mounting:** It uses a pre-assembled push pin and spring mechanism. This ensures:
* Consistent pressure on the component for optimal thermal contact.
* Easy and tool-less installation.
---
### 3. Thermal Performance Data
Performance varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow Velocity | Thermal Resistance (Unducted) |
| :--- | :--- |
| 100 LFM (0.5 m/s) | 7.71 °C/W |
| 300 LFM (1.5 m/s) | 3.12 °C/W |
| 500 LFM (2.5 m/s) | 2.21 °C/W |
| 700 LFM (3.5 m/s) | 1.81 °C/W |
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **14:** Push Pin/Spring style used.
* **F:** Fin pitch/style (XC Cut).
* **206:** Specific geometry/sizing code.
* **C2:** Material/Finish code (Blue Anodized Aluminum).
* **R0:** RoHS Compliance/Revision status.
---
- ⤷
What are the specific hole patterns required on a PCB to mount this heat sink?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the advantages of using a push-pin mount over adhesive thermal tape?