ATS-14F-22-C3-R0
AI

The part number **ATS-14F-22-C3-R0** refers to a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and high-power chipsets.
---
### Technical Specifications
The table below breaks down the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 12.70mm |
| **Fin Type** | XCUT (Cross-Cut) |
| **Attachment Method** | Push Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface (TIM)** | T412 (Applied) |
---
### Part Number Breakdown
The nomenclature follows a specific logic used by ATS to identify the physical build of the heat sink:
1. **ATS**: Manufacturer (Advanced Thermal Solutions).
2. **14F**: Series identification (usually related to fin geometry or material).
3. **22**: Specific size/profile indicator.
4. **C3**: Indicates the Thermal Interface Material (TIM) and the spring tension/type.
5. **R0**: RoHS compliance and revision status.
---
### Key Features and Usage
* **XCUT Fin Geometry**: The fins are cut in both horizontal and vertical directions. This allows for multi-directional airflow, making it ideal for systems where air may be turbulent or coming from various angles.
* **Push Pin Mounting**: This provides a secure, vibration-resistant attachment to the Printed Circuit Board (PCB). It requires pre-drilled holes in the PCB.
* **Thermal Interface Material (T412)**: The part comes with a pre-applied phase-change material or high-performance thermal pad, ensuring optimal heat transfer from the chip to the aluminum surface right out of the box.
* **Blue Anodization**: Beyond aesthetics, the anodized coating protects the aluminum from corrosion and slightly improves radiative heat transfer.
---
### Application Scenarios
* **Networking Equipment**: Switches and routers with high-density processing.
* **Industrial PCs**: For components requiring low-profile cooling (height is only 12.7mm).
* **Embedded Systems**: Where mechanical stability (push pins) is preferred over adhesive tape.
- ⤷
What are the PCB hole diameter requirements for the brass push pins used in this model?
- ⤷ How does the T412 thermal interface material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with a higher profile for better thermal dissipation?