ATS-14F-27-C2-R0
AI

The **ATS-14F-27-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic integrated circuits (ICs) such as CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The part number provides specific details regarding its dimensions, material, and thermal performance.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | XCUT (Cross-cut) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 70mm x 70mm x 12.7mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Component Breakdown
### A. Heat Sink Design (XCUT)
The "XCUT" geometry refers to a cross-cut fin design. This provides several advantages:
* **Omnidirectional Airflow:** Unlike straight-fin heat sinks, cross-cut fins allow air to enter and exit from multiple directions, making it ideal for systems where the airflow path is not strictly linear.
* **Surface Area:** The cuts increase the overall surface area, improving the convective heat transfer coefficient.
### B. Attachment Mechanism (Push-Pin)
This part uses a **Brass Push-Pin** with a high-tension spring.
* **Reliability:** It ensures a consistent "clamping force" between the heat sink and the electronic component.
* **Installation:** It requires pre-drilled holes in the PCB. The pins snap into place, providing a secure mechanical fit that is more durable than adhesive-based thermal tapes.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**.
* This is a high-performance thermal pad/grease designed to fill microscopic air gaps between the component die and the heat sink base, ensuring maximum heat conduction.
---
## 3. Thermal Performance Data
Performance varies based on the velocity of the air flowing through the system (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 12.24 |
| 300 (1.5 m/s) | 2.49 |
| 500 (2.5 m/s) | 1.43 |
---
## 4. Common Applications
* **Networking Equipment:** Switches and routers where airflow may be turbulent.
* **Embedded Systems:** Industrial PCs requiring low-profile cooling (12.7mm height).
* **Power Supplies:** Cooling high-wattage voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the brass push-pins?
- ⤷ How does 'Blue Anodized' finish affect the thermal radiation of this part?
- ⤷ Can this heat sink be used for passive cooling without a fan?