ATS-14F-28-C2-R0
AI

The **ATS-14F-28-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
| **Thermal Resistance** | 10.57°C/W (at 100 LFM) |
| **Fin Style** | Square Cross-Cut |
---
### 2. Design and Functional Features
#### A. Fin Geometry (Cross-Cut)
The unit features a **Square Cross-Cut** design. Unlike standard straight fins, cross-cut fins allow air to flow from multiple directions. This makes the heat sink highly effective in environments where the direction of airflow is inconsistent or omnidirectional.
#### B. Material and Coating
* **Aluminum 6063:** Provides a balance of high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just aesthetic; anodization protects the aluminum from corrosion and slightly improves heat radiation.
#### C. pushPIN™ Attachment System
The part uses a specialized "Push-Pin" mechanism which includes:
* A pre-drilled hole layout.
* Brass or plastic pins with a compression spring.
* **Thermal Interface Material (TIM):** Usually comes pre-applied with **T766** (a high-performance thermal grease) to ensure no air gaps exist between the chip and the heat sink.
---
### 3. Performance Analysis (Thermal Resistance)
Thermal resistance indicates how effectively the part moves heat away from the component. Lower values are better.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 10.57 |
| 200 (1.0 m/s) | 4.04 |
| 400 (2.0 m/s) | 2.26 |
| 600 (3.0 m/s) | 1.63 |
---
### 4. Part Number Breakdown
The part number **ATS-14F-28-C2-R0** can be decoded as follows:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **14:** Product Series.
* **F:** Attachment/Spring type.
* **28:** Specific dimension/configuration code.
* **C2:** Thermal Performance / Material Grade.
* **R0:** Revision code (standard version).
---
- ⤷
What are the recommended mounting hole dimensions for the push-pin system?
- ⤷ How does the T766 thermal interface material compare to standard silicone grease?
- ⤷ Can this heat sink be used for passive cooling without a fan?