ATS-14F-44-C2-R0
AI

The **ATS-14F-44-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the **pushPIN™** series, designed to cool integrated circuits such as CPUs, GPUs, or other high-heat surface-mount components.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the device:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 15.00mm |
| **Fin Style** | Fine Pitch (Rectangular) |
| **Thermal Resistance (Unducted)** | 20.35 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 3.73 °C/W @ 100 LFM |
---
### 2. Part Number Breakdown
The nomenclature for this part can be decoded as follows:
- **ATS**: Advanced Thermal Solutions (Manufacturer).
- **14**: Series Number (pushPIN™ Heat Sink).
- **F**: Fin Pitch Type (Fine).
- **44**: Specific geometry/model number.
- **C2**: Thermal Interface Material (T766 Phase Change Material included).
- **R0**: Revision or standard packaging code.
---
### 3. Key Electronic Components & Features
#### A. Thermal Interface Material (TIM)
The **C2** suffix indicates that the heat sink comes pre-applied with **T766** phase-change material. This ensures maximum heat transfer from the electronic chip to the aluminum sink by filling microscopic air gaps on the component's surface.
#### B. Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, this model uses a mechanical push-pin system.
- **Spring Loading:** Ensures constant pressure on the electronic component, which prevents the heat sink from shifting during thermal expansion or vibration.
- **Serviceability:** Allows for easy removal and re-installation compared to permanent thermal epoxy.
#### C. Fin Design
The rectangular "Fine Pitch" design is optimized for environments with high-velocity airflow (fans/blowers). The increased surface area allows for efficient dissipation of heat away from sensitive silicon junctions.
---
### 4. Typical Applications
This component is commonly used on:
- **ASICs/FPGAs** in telecommunications equipment.
- **Voltage Regulator Modules (VRMs)** on motherboards.
- **High-speed Networking Switches.**
- **Embedded Computing** systems where space is limited.
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the T766 material?