ATS-14F-67-C2-R0
AI

### Technical Overview: ATS-14F-67-C2-R0
The **ATS-14F-67-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **blueICE™** series and is specifically designed for cooling electronic components such as CPUs, GPUs, and high-power chipsets.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ Heat Sink Assembly |
| **Attachment Type** | pushPIN™ (Plastic Pins & Springs) |
| **Heat Sink Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 12.03 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Pitch** | Fine Pitch |
---
### 2. Component Design & Mechanical Features
* **Heat Sink Material:** Constructed from high-quality aluminum to ensure lightweight durability and efficient thermal conductivity.
* **Fin Profile:** Features a "Fine Pitch" design. This maximizes the surface area within a small footprint, allowing for better heat dissipation in systems with airflow.
* **Attachment Mechanism:** Uses the **pushPIN™** system. This consists of a plastic pin and a high-performance compression spring that ensures consistent pressure between the heat sink and the component, optimizing thermal transfer.
* **Thermal Interface Material (TIM):** Typically comes pre-applied with a high-performance thermal phase-change material or grease to bridge the gap between the component and the sink.
---
### 3. Thermal Performance Metrics
The efficiency of this part is measured by its thermal resistance at various airflow speeds (Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (0.5 m/s)** | 12.03 |
| **200 (1.0 m/s)** | 4.77 |
| **300 (1.5 m/s)** | 3.32 |
| **400 (2.0 m/s)** | 2.71 |
| **500 (2.5 m/s)** | 2.36 |
---
### 4. Application Use Cases
1. **Telecommunications:** Cooling of networking switches and routers.
2. **Computing:** Chipset cooling on motherboards or embedded systems.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators where vertical space is limited (10mm height).
- ⤷
What are the different types of pushPIN attachment options available for this series?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to a plain finish?
- ⤷ Are there specific mounting hole dimensions required for the ATS-14F-67-C2-R0?