AI

The **ATS-14F-69-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions, Inc. (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 11.31°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm |
---
## 2. Key Component Features
### A. Material and Design
* **Aluminum Construction:** Offers a high thermal conductivity-to-weight ratio, ensuring efficient heat transfer while remaining lightweight.
* **Fine Pitch Fins:** The "Straight Fin" design provides a large surface area for air to pass through, which is essential for cooling via natural or forced convection.
* **Blue Anodized Finish:** This is not just aesthetic; the anodization protects the aluminum from corrosion and slightly improves radiant heat emissivity.
### B. pushPIN™ Attachment System
This part uses a specific mounting mechanism consisting of:
1. **Push-Pins:** Plastic or brass pins that snap into pre-drilled holes on the PCB.
2. **Compression Springs:** These provide consistent "Force-on-Component," ensuring the heat sink maintains firm contact with the chip for optimal heat transfer.
### C. Thermal Interface Material (TIM)
* The part usually comes with **T766** pre-applied thermal phase-change material or a high-performance thermal pad on the base, eliminating the need for external thermal paste during assembly.
---
## 3. Physical Dimensions
| Dimension | Value |
| :--- | :--- |
| **Length (A)** | 45.00 mm |
| **Width (B)** | 45.00 mm |
| **Height (C)** | 20.00 mm |
| **Pitch (E)** | 38.00 mm (Distance between mounting holes) |
---
## 4. Performance Summary
The efficiency of this part depends heavily on the airflow (measured in Linear Feet per Minute - LFM). As airflow increases, the thermal resistance drops, allowing the component to stay cooler under higher loads.
* **Low Airflow (100 LFM):** ~11.31 °C/W
* **High Airflow (700 LFM):** ~1.73 °C/W
- ⤷
What are the compatible PCB hole sizes for the push-pin mounting?
- ⤷ How does 'Blue Anodized' compare to 'Black Anodized' in terms of thermal performance?
- ⤷ Can this heat sink be used for passive cooling without a fan?