ATS-14F-84-C2-R0
AI

The **ATS-14F-84-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 6.96°C/W (at 100 LFM) |
| **Flow Direction** | Vertical / Omni-directional |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 35.00mm |
| **Weight** | ~40 grams |
---
### 2. Key Components & Design Features
#### A. Fin Design (Cross-Cut)
The ATS-14F-84-C2-R0 features a **straight fin or cross-cut design**. This allows for "omni-directional" airflow, meaning it can dissipate heat effectively regardless of which direction the cooling fan is blowing across the PCB.
#### B. Push-Pin Attachment
Instead of using messy thermal adhesives or heavy screws, this part uses the **pushPIN™ system**:
* **Compression Spring:** Ensures constant, uniform pressure on the electronic chip.
* **Ease of Install:** Can be snapped into pre-drilled holes on the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the heat sink comes with a **pre-applied Thermal Interface Material**. This is a layer of conductive paste or pad on the bottom surface that fills microscopic air gaps between the heat sink and the component to improve heat transfer.
---
### 3. Electronic Application
This part is typically used in the following scenarios:
1. **Telecommunications:** Cooling signal processors in base stations.
2. **Embedded Systems:** Protecting microcontrollers in industrial automation.
3. **Power Supplies:** Managing heat in DC-DC converters.
---
- ⤷
What are the PCB hole requirements for the push-pin mounting?
- ⤷ How does the 'C2' designation affect the thermal performance?
- ⤷ Can this heat sink be used in natural convection environments without a fan?