ATS-14F-90-C2-R0
AI

The **ATS-14F-90-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power chipsets.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification | Description |
|:---|:---|:---|
| **Base Dimensions** | 35 x 35 mm | The footprint area on the PCB/Chip. |
| **Height** | 25 mm | Vertical clearance required. |
| **Fin Style** | Straight Fin | Optimized for high-velocity airflow. |
| **Material** | Aluminum | High thermal conductivity with low weight. |
| **Attachment** | Push-Pin | Secure mechanical fastening with springs. |
| **Interface Material** | T766 | Pre-applied high-performance Thermal Interface Material (TIM). |
| **Finish** | Blue Anodized | Increases surface emissivity and corrosion resistance. |
---
### 2. Key Electronic Components
#### A. The Heat Sink Body
The body is constructed from extruded aluminum. Its primary electronic function is to increase the surface area of the heat-generating component, allowing for faster heat transfer into the surrounding air via convection.
#### B. Push-Pin Fasteners
Unlike adhesive tapes (which can degrade over time), this part uses **brass or plastic push-pins** with integrated springs.
* **Constant Pressure:** Ensures a reliable mechanical bond between the heat sink and the chip.
* **Shock/Vibration Resistance:** Ideal for industrial or automotive electronics where movement is expected.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates the specific TIM applied to the base.
* **Role:** It fills microscopic air gaps between the chip surface and the heat sink base.
* **Importance:** Air is a poor conductor; the TIM ensures a low thermal resistance path for electrons (heat) to travel.
---
### 3. Performance Data
Thermal performance is measured in **Thermal Resistance (°C/W)**. Lower values indicate better cooling efficiency.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
|:---|:---|
| 200 (Unducted) | 6.36 |
| 400 (Unducted) | 3.33 |
| 600 (Unducted) | 2.50 |
---
### 4. Typical Applications
* **Telecommunications:** Network switches and routers.
* **Computing:** High-speed data processing units.
* **Power Electronics:** Embedded systems requiring passive or active cooling in tight enclosures.
- ⤷
What are the specific hole patterns required on a PCB to install this push-pin heat sink?
- ⤷ How does the 'Blue Anodized' finish affect the thermal emissivity compared to plain aluminum?
- ⤷ Can the pre-applied T766 thermal material be replaced with liquid metal or other pastes?