ATS-14F-97-C2-R0
AI

The **ATS-14F-97-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. This part is designed for cooling integrated circuits (ICs) like processors, FPGAs, or ASICs in high-airflow environments.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-14F-97-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass, 2-Pin) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 20.30°C/W (Unducted @ 100 LFM) |
| **Flow Direction** | Vertical / Omni-directional |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Thermal Interface Material (TIM)** | T766 (High performance) |
---
### 2. Breakdown of the Model Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS-14**: Indicates the series of push-pin heatsinks.
* **F**: Likely refers to the specific fin density or material characteristic.
* **97**: Represents the specific dimensions and footprint (45mm x 45mm).
* **C2**: Denotes the material and finish (usually Blue Anodized Aluminum).
* **R0**: Refers to the version or revision (Standard production).
---
### 3. Key Electronic Design Features
#### A. Attachment Mechanism
The use of **brass push-pins** with a compression spring ensures a consistent and reliable downward pressure on the electronic chip. This prevents air gaps between the chip and the heatsink, maximizing heat transfer.
#### B. Thermal Interface Material (TIM)
The "C2" suffix indicates the inclusion of **T766 thermal grease** pre-applied to the base. This material fills microscopic imperfections between the heatsink base and the component surface, significantly reducing contact resistance.
#### C. Airflow Efficiency
The low profile (10mm height) and straight-fin design are optimized for systems where vertical space is limited (1U or 2U rack servers) and where there is forced air cooling (fans).
---
### 4. Typical Applications
* **Networking Gear:** Switches, routers, and high-speed modems.
* **Industrial PCs:** Compact embedded systems where passive or semi-passive cooling is required.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
- ⤷
What are the alternative push-pin materials available for this heatsink series?
- ⤷ How does the thermal resistance change at higher airflow rates (e.g.
- ⤷ 400 LFM)?
- ⤷ Is this heatsink compatible with standard BGA chip footprints?