ATS-14H-101-C2-R0
AI

The **ATS-14H-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 30mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | ~6.67 °C/W (Unducted Flow @ 100 LFM) |
---
### 2. Key Design Features
#### A. Fin Pattern (Cross-Cut)
The "101" in the part number indicates a specific fin design. This model features a **cross-cut** pattern, which creates a grid of rectangular pins. This design is highly effective for:
* Multidirectional airflow (the air can enter from any side).
* Increasing surface area for heat transfer.
* Reducing pressure drop compared to solid straight fins.
#### B. Attachment System: pushPIN™
Instead of using messy thermal adhesives or complex brackets, this part uses the **pushPIN™** system:
* **Spring-loaded pins:** Provide consistent pressure across the interface for optimal thermal contact.
* **Ease of Assembly:** Can be installed manually into pre-drilled holes on the PCB.
* **Compression Springs:** Prevent the heat sink from shifting due to mechanical shock or vibration.
#### C. Thermal Interface Material (TIM)
The "C2" designation typically refers to the pre-applied thermal material. In this series, it usually indicates **T766**, a high-performance thermal grease applied to the base to ensure there are no air gaps between the component and the heat sink.
---
### 3. Application Use Cases
This specific heat sink is categorized as a "High Performance" cooling solution, typically found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Voltage regulators and motor drives that generate significant localized heat.
---
### 4. Comparison: Airflow Performance
Thermal resistance varies based on the velocity of the air moving through the fins (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.67 |
| 300 (1.5 m/s) | 2.47 |
| 500 (2.5 m/s) | 1.63 |
---
- ⤷
What is the hole pattern requirement for mounting the push-pins on a PCB?
- ⤷ Can this heat sink be used with a different thermal interface material if re-installed?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?