ATS-14H-89-C2-R0
AI

The **ATS-14H-89-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Value / Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Family** | maxiFLOW™ |
| **Dimensions** | 36.83mm x 36.83mm (Footprint) |
| **Height** | 22.86mm |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 3.94°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
---
### 2. Key Features
* **maxiFLOW™ Design:** This heat sink features a tapered fin structure that maximizes the surface area for cooling while reducing the pressure drop across the device.
* **pushPIN™ Attachment:** It utilizes a specialized mounting system that consists of a plastic or brass pin and a spring. This ensures a precise, high-pressure contact with the component for better thermal transfer.
* **High Performance Material:** The aluminum body provides high thermal conductivity, and the blue anodized finish increases emissivity and protects against corrosion.
* **Pre-applied Thermal Interface Material (TIM):** This specific model typically comes with **T766** thermal tape or grease already applied to the base, simplifying the assembly process.
---
### 3. Application Use Cases
The ATS-14H-89-C2-R0 is commonly used in environments where airflow is directed and space is limited:
1. **Telecommunications:** Used on high-speed network switches and routers.
2. **Industrial Controls:** Cooling for power modules and motor controllers.
3. **Embedded Systems:** Protecting microprocessors in harsh thermal environments.
---
### 4. Thermal Performance Data
Thermal resistance depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 7.95 |
| 200 | 3.94 |
| 300 | 2.72 |
| 400 | 2.13 |
---
- ⤷
What is the significance of the 'C2' suffix in the part number?
- ⤷ Can you explain the pushPIN mounting mechanism in more detail?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W chip?