ATS-15B-01-C2-R0
AI

The **ATS-15B-01-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **Blue-Anodized "pushPIN™"** series, designed for cooling integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
The following table highlights the primary electrical and physical characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Plastic/Brass) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 21.96 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Mounting Hole Pattern** | 33.00mm x 33.00mm |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Key Components & Design Features
#### A. Thermal Efficiency
The heat sink features a **fine-pitch fin design** (cross-cut) optimized for maximum surface area. This allows for efficient heat dissipation from the semiconductor junction to the surrounding air, particularly in forced-air environments.
#### B. pushPIN™ Attachment System
This part uses a specialized mechanical attachment rather than thermal adhesive:
* **Spring-loaded mechanism:** Provides consistent pressure (Pre-assembled with a compression spring).
* **Reliability:** Ensures a secure interface between the heat sink and the component, reducing the risk of the part falling off during vibration or shipping.
#### C. Material & Finish
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides corrosion resistance and increases thermal emissivity.
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic assemblies:
1. **Telecommunications:** Cooling of networking switches and routers.
2. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
3. **Embedded Computing:** Cooling microprocessors or FPGAs on compact PCBs.
---
### 4. Thermal Performance Data
Performance varies based on airflow (measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | 100 (0.5m/s) | 300 (1.5m/s) | 500 (2.5m/s) | 700 (3.5m/s) |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Res (°C/W)** | 21.96 | 5.33 | 3.23 | 2.45 |
- ⤷
What are the different push-pin material options for this series?
- ⤷ How do I calculate the required thermal resistance for my specific IC?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?