ATS-15B-06-C2-R0
AI

The **ATS-15B-06-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue" push-pin heat sink series, designed primarily for cooling BGA (Ball Grid Array) components like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 20.17 °C/W (at 200 LFM) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height (Fin)** | 25.00mm |
| **Attachment Hole Pattern** | 38.00mm x 38.00mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Component Breakdown
### A. The Heat Sink Body
The "06" in the part number refers to the specific fin pattern and height. This model utilizes a **straight-fin** design, which is optimized for unidirectional airflow. The blue anodized finish is not just aesthetic; it increases the surface emissivity, aiding in heat radiation and protecting the aluminum from corrosion.
### B. Push-Pin Attachment Mechanism
This part uses a spring-loaded push-pin system. This provides several advantages over adhesive tapes:
* **Constant Pressure:** Ensures the heat sink remains in firm contact with the chip, maximizing heat transfer.
* **Mechanical Stability:** More reliable in environments with high vibration or shock.
* **Reusability:** Can be removed and reattached during maintenance without damaging the component.
### C. Thermal Interface Material (TIM)
The "R0" designation usually indicates the inclusion of a pre-applied **T766 phase-change material**. This eliminates the need for manual thermal paste application, ensuring a uniform layer that melts and fills microscopic gaps when the component reaches operating temperature.
---
## 3. Application Use Cases
This specific heat sink size (45mm) is standard for medium-to-large integrated circuits. Common applications include:
* **Network Switches:** Cooling ASICs and processors.
* **Industrial PCs:** Cooling embedded CPU modules.
* **Power Electronics:** Dissipating heat from high-wattage voltage regulators.
---
- ⤷
What is the significance of the 'C2' code in the ATS part numbering system?
- ⤷ How does the airflow direction affect the thermal resistance of this specific model?
- ⤷ Are there alternative mounting options for this size if my PCB doesn't have push-pin holes?