ATS-15B-10-C2-R0
AI

The **ATS-15B-10-C2-R0** is a high-performance thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is an aluminum heat sink designed for cooling electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
Below is a breakdown of the key physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | **push-PIN™** (Plastic Pins) |
| **Dimension (Length x Width)** | 45 mm x 45 mm |
| **Height** | 25 mm |
| **Thermal Resistance** | 7.89°C/W (Unducted Flow @ 200 LFM) |
| **Flow Orientation** | Vertical Fin (Cross-cut for omni-directional airflow) |
---
### 2. Design Features
The "ATS-15B" series utilizes a specific design philosophy focused on efficiency in forced convection environments:
* **Cross-Cut Fins:** The fins are cut horizontally and vertically. This creates a "pin-fin" effect, which allows air to enter from any direction, making it ideal for systems where the airflow path is not perfectly linear.
* **push-PIN™ Attachment:** This model uses a spring-loaded plastic pin system. It requires pre-drilled holes in the PCB. The springs provide a specific amount of pressure (clamping force) to ensure optimal contact with the heat source.
* **Pre-Applied Thermal Interface Material (TIM):** Most "R0" variants come with a high-performance thermal pad or phase-change material pre-applied to the base to reduce assembly time.
---
### 3. Part Number Breakdown
The nomenclature reveals the specific configuration:
| Code Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **15B** | Series/Geometry Identifier |
| **10** | Specific Fin Configuration or Size |
| **C2** | Thermal Performance Grade / Material Coating |
| **R0** | Revision or Packaging code (often denotes standard retail/bulk) |
---
### 4. Implementation Considerations
When integrating this part into a design, engineers must consider:
1. **PCB Layout:** Ensure the 45x45mm footprint does not interfere with nearby tall components (capacitors, etc.).
2. **Hole Pattern:** The push-pin holes must be precisely drilled according to the ATS datasheet to ensure the spring tension is correct.
3. **Airflow:** While omni-directional, the efficiency increases significantly with active cooling (fans) compared to passive (natural) convection.
- ⤷
What is the exact hole-to-hole spacing required for the push-PIN mounting?
- ⤷ How does the thermal resistance change at higher airflow speeds like 500 LFM?
- ⤷ Is there a version of this heat sink that uses a clip-on attachment instead of push-pins?