ATS-15B-100-C2-R0
AI

The **ATS-15B-100-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling electronic components such as CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the physical and thermal characteristics of the product.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (with springs) |
| **Thermal Resistance** | 4.84°C/W (at 100 LFM) |
| **Fin Style** | Straight (Mini-Fin) |
| **Finish** | Blue Anodized |
| **Weight** | ~40 grams |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring compatibility with the PCB layout and surrounding components.
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 25.00 mm
* **Pitch (between pins):** 38.00 mm
---
### 3. Key Electronic Cooling Features
* **pushPIN™ Attachment:** Unlike adhesive tapes, this uses a spring-loaded push-pin mechanism. This ensures consistent pressure (clamping force) between the heat sink and the chip, improving heat transfer efficiency.
* **High Performance Interface:** It is typically paired with a Phase Change Material (PCM) or Thermal Interface Material (TIM) to eliminate air gaps between the component and the metal.
* **Airflow Optimization:** The "C2" designation refers to specific fin density and geometry designed to provide low pressure drop while maximizing surface area for forced-air cooling.
---
### 4. Typical Applications
This specific heat sink is used in environments where electronic components generate significant heat in a compact space:
1. **Telecommunications:** Networking switches and routers.
2. **Power Electronics:** Cooling MOSFETs or IGBTs in power supplies.
3. **Embedded Systems:** Industrial PCs and automation controllers.
---
- ⤷What are the differences between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can this push-pin mechanism be used on a standard 1.6mm thick PCB?