Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-15B-124-C2-R0

  • AI
    The **ATS-15B-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of electronic components like CPUs, GPUs, and high-power ICs. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 25.00mm | | **Fin Style** | Straight Fin | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 3.28°C/W (at 100 LFM) | --- ### 2. Key Components and Features #### A. Thermal Interface Material (TIM) The part number usually includes pre-applied **Phase Change Material (PCM)** or high-performance thermal grease (T766) on the base. This ensures maximum heat transfer between the electronic chip and the aluminum heat sink by filling microscopic air gaps. #### B. Attachment Mechanism: pushPIN™ Instead of messy adhesives or simple clips, this model uses a spring-loaded pushPIN system: * **Compression Springs:** Provide precise pressure to maintain contact. * **Plastic/Brass Pins:** Ensure the heat sink remains stable during vibration or shipping. * **Installation:** Requires pre-drilled holes on the PCB (typically 3.0mm or 4.7mm). #### C. Fin Design The **Straight Fin** geometry is optimized for "Longitudinal" airflow. It is most effective in systems with a dedicated cooling fan that blows air directly across the fins. --- ### 3. Application Use Cases This part is commonly found in the following electronic assemblies: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Voltage regulators and power modules that generate significant localized heat. --- ### 4. Part Number Breakdown `ATS - 15 B - 124 - C2 - R0` * **ATS:** Advanced Thermal Solutions (Brand). * **15:** Series/Style identifier. * **B:** Attachment style (pushPIN). * **124:** Specific geometry/dimension code. * **C2:** Material/Thermal performance grade. * **R0:** Revision/RoHS Compliance status.
    ✨ Follow-up Questions
    • ⤷What is the hole pattern required on the PCB for this heat sink?
    • ⤷ How does the thermal resistance change at higher airflows (e.g.
    • ⤷ 500 LFM)?
    • ⤷ Are there alternative attachment methods for this specific fin size?