ATS-15B-149-C2-R0
AI

The **ATS-15B-149-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Below are the primary specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ HS |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 6.21°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 20.00mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
---
## 2. Key Electronic Features
The "electronic" functionality of this part is passive, but its design is critical for electrical system stability:
### A. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the **R0** designation indicates a push-pin mechanism.
* **Spring-loaded:** Ensures consistent pressure between the heat sink and the electronic chip.
* **Reliability:** Resistant to vibration, making it suitable for automotive or industrial electronics.
### B. Thermal Interface Material (TIM)
The part comes pre-applied with **T766** thermal phase change material.
* **Function:** Fills microscopic air gaps between the component die and the aluminum base to maximize heat transfer.
* **Efficiency:** Eliminates the need for manual application of thermal paste.
### C. Thermal Performance (LFM - Linear Feet per Minute)
The efficiency of this part varies based on the airflow within the electronic enclosure:
* **@ 100 LFM:** 6.21 °C/W
* **@ 400 LFM:** 2.45 °C/W
* **@ 700 LFM:** 1.89 °C/W
---
## 3. Applications in Electronics
This specific heat sink is typically found in:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
3. **Power Supplies:** Cooling MOSFETs or Voltage Regulators (VRMs) that handle high current.
---
## 4. Part Number Breakdown
```text
ATS - 15 B - 149 - C2 - R0
| | | | |
| | | | └─ Revision/Spring Type
| | | └─ Thermal Interface Material (T766)
| | └─ Specific Heat Sink Profile (149)
| └─ Fin Type/Pitch
└─ Advanced Thermal Solutions
```
- ⤷
What is the difference between the C1 and C2 variants of this heat sink?
- ⤷ How do I calculate the correct LFM for my electronic enclosure?
- ⤷ Can this heat sink be used with both plastic and brass push-pins?