ATS-15B-178-C2-R0
AI

The **ATS-15B-178-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, specifically designed for cooling electronic components like CPUs, GPUs, FPGAs, and ASICs.
Below is a detailed breakdown of its technical specifications and electronic application properties.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (LxWxH)** | 35.00mm x 35.00mm x 25.00mm |
| **Thermal Resistance** | 3.96°C/W @ 200 LFM (Linear Feet per Minute) |
| **Flow Direction** | Directional / Flared Fin |
| **Compliance** | RoHS Compliant |
---
## 2. Key Design Features
### A. The maxiFLOW™ Fin Geometry
The "178" in the part number refers to a specific fin profile. The fins are flared outwards, which increases the surface area for heat dissipation without significantly increasing the pressure drop. This design is highly effective in high-velocity airflow environments.
### B. pushPIN™ Attachment System
The **-R0** suffix indicates the attachment style. This model uses a plastic push-pin and spring mechanism:
* **Constant Pressure:** Ensures uniform contact between the heat sink and the electronic component (die/package).
* **Secure Fit:** Prevents the heat sink from shifting during mechanical shock or vibration.
### C. Thermal Interface Material (TIM)
The **-C2** designation typically signifies that the heat sink comes pre-applied with high-performance thermal grease or a phase-change material (PCM). This eliminates the air gap between the chip and the aluminum base, ensuring efficient heat transfer.
---
## 3. Electronic Application Use-Cases
This component is typically used in the following electronic hardware:
1. **Network Switches/Routers:** Cooling high-speed packet processors.
2. **Embedded Computing:** Protecting ARM or x86 processors in industrial enclosures.
3. **Power Electronics:** Dissipating heat from MOSFET arrays or IGBT modules.
4. **Telecom Equipment:** Used on line cards where vertical space is limited to 25mm.
### Thermal Performance Table (Airflow vs. Resistance)
| Air Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 4.90 |
| 200 | 1.0 | 3.96 |
| 300 | 1.5 | 3.40 |
| 400 | 2.0 | 3.00 |
---
## 4. Assembly & Mounting
To use this part on a Printed Circuit Board (PCB), the board must have **pre-drilled holes** corresponding to the 35mm footprint. The push-pins snap into these holes, providing a tool-less assembly that is ideal for mass production environments.
- ⤷
How does the 'flared fin' design compare to standard straight fin heat sinks?
- ⤷ What are the specific PCB hole requirements for the pushPIN™ attachment?
- ⤷ Can this heat sink be used without a fan (passive cooling)?