AI

The **ATS-15B-27-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their high-performance **push-pin heat sink** series, designed primarily for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 70mm x 70mm x 12.7mm |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~3.66°C/W (at 200 LFM) |
| **Flow Orientation** | Horizontal / Cross-Cut |
---
## 2. Component Breakdown
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
### A. The Heat Sink (Thermal Management)
* **Material:** The body is made of extruded aluminum, which provides a balance between weight, cost, and thermal conductivity.
* **Fin Design:** It typically uses a **cross-cut** or **straight fin** geometry to maximize surface area for convective heat transfer.
* **Blue Anodized Finish:** The blue coating is not just aesthetic; it protects the aluminum from corrosion and increases surface emissivity, which slightly improves radiant heat transfer.
### B. The Attachment (Push-Pin & Spring)
The "R0" suffix usually denotes the specific mounting hardware kit included:
* **Push-Pins:** These provide a secure, standardized attachment to a Printed Circuit Board (PCB) through pre-drilled holes.
* **Springs:** The compression springs ensure a consistent and precise amount of "load" (pressure) is applied to the chip, ensuring optimal contact with the Thermal Interface Material (TIM).
---
## 3. Applications
This specific part is used in environments where active or passive airflow is present to dissipate heat from electronic components:
* **Networking Gear:** Switches, routers, and high-speed modems.
* **Industrial PCs:** Compact systems where vertical space is limited (12.7mm height).
* **Power Supplies:** Cooling MOSFETs or power regulators.
---
## 4. Key Advantages
1. **Low Profile:** At only 12.7mm tall, it is ideal for 1U server racks or slim electronic enclosures.
2. **Ease of Assembly:** The push-pin mechanism allows for rapid installation on assembly lines without the need for specialized tools.
3. **Reliability:** Mechanical fasteners (pins) are more reliable than thermal adhesive tapes in high-vibration or high-temperature environments.
- ⤷
What are the PCB hole diameter requirements for the ATS-15B push-pin series?
- ⤷ How does the thermal resistance of this part change under different airflow (LFM) conditions?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?