ATS-15B-59-C2-R0
AI

The **ATS-15B-59-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their **blueICE™** series of high-performance heat sinks designed for electronic cooling applications.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Property | Value/Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-15B-59-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 7.94°C/W (at 100 LFM) |
| **Dimensions (LxWxH)** | 40mm x 40mm x 20mm |
| **Base Shape** | Square |
---
## 2. Key Features
### A. pushPIN™ Attachment System
This component uses the proprietary pushPIN™ mechanism. This allows for:
* **Uniform Pressure:** Ensures consistent contact between the heat sink and the processor/component.
* **Easy Installation:** Features a pre-assembled compression spring and a plastic or brass pin for secure mounting to the PCB.
* **Reliability:** Reduces the risk of the heat sink shifting during mechanical shock or vibration.
### B. Thermal Interface Material (TIM)
The "C2" designation in the part number typically refers to the **T766 thermal interface material**. This is a pre-applied phase-change material or high-performance pad that eliminates the need for manual thermal paste application, ensuring optimal heat transfer from the chip to the aluminum fins.
### C. Fin Design
The heat sink features a **Cross-Cut** fin pattern. This design is optimized for "omnidirectional" airflow, meaning it can dissipate heat effectively regardless of which direction the cooling air is blowing from within the electronic enclosure.
---
## 3. Application Use Cases
This specific heat sink is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed networking chips and routers.
2. **Embedded Systems:** Protecting microprocessors in industrial computing modules.
3. **Power Electronics:** Managing heat for MOSFETs or voltage regulators.
4. **BGA Cooling:** Specifically sized for 40mm Ball Grid Array (BGA) packages.
---
- ⤷
What are the different pushPIN material options for this heat sink?
- ⤷ How does the 'C2' thermal material compare to 'C1' or 'C3' variants?
- ⤷ What is the recommended PCB hole size for mounting the ATS-15B-59-C2-R0?