ATS-15B-71-C2-R0
AI

The **ATS-15B-71-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc.** It is part of the "pushPIN™" thermal management series designed for cooling electronic components, specifically integrated circuits (ICs) and CPUs.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Type** | Push Pin (with Spring) |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height** | 30.00 mm |
| **Pitch** | Fine-Pitch |
| **Thermal Resistance (Unducted)** | 6.73 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.15 °C/W @ 100 LFM |
| **RoHS Status** | Compliant |
---
### 2. Key Design Elements
#### A. Fin Geometry
This model uses a **Straight Fin** design with a **Fine-Pitch** pattern.
- **Efficiency:** The dense fin arrangement maximizes surface area, allowing for superior heat dissipation in environments with high airflow.
- **Orientation:** It is optimized for systems where air flows in a specific direction across the heat sink.
#### B. Mounting Mechanism (pushPIN™)
The "pushPIN™" system is designed to provide a secure, standardized attachment:
* **Ease of Install:** Uses a flexible attachment tool that snaps into pre-drilled holes on the PCB.
* **Pre-assembled Springs:** The springs provide consistent pressure (loading) across the component to ensure maximum thermal contact with the TIM (Thermal Interface Material).
#### C. Thermal Interface Material (TIM)
The "R0" suffix indicates that the heat sink typically comes with **T766** thermal material pre-applied. This ensures low thermal resistance between the heat-generating component and the aluminum base.
---
### 3. Application Use Cases
This specific heat sink is commonly found in:
1. **Networking Hardware:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Supplies:** Cooling voltage regulators and power MOSFETs.
4. **Processors:** Cooling mid-range CPUs or GPUs on custom PCBs.
---
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I choose the correct push-pin length for my PCB thickness?
- ⤷ What are the benefits of Blue Anodized finish over raw aluminum?