ATS-15B-85-C2-R0
AI

The **ATS-15B-85-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" attachment series designed for cooling processors and high-heat surface-mount components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Type** | Push-Pin (Plastic) |
| **Dimension (L x W)** | 35mm x 35mm |
| **Height** | 10.00mm |
| **Fin Style** | Square Pin (Fine Pitch) |
| **Thermal Resistance** | 23.98°C/W (at natural convection) |
| **Spring Type** | Brass Spring |
---
### 2. Design and Component Breakdown
#### A. Fin Geometry
The "85" in the part number signifies the specific fin configuration. This model uses a **Square Pin Fin** design.
* **Omnidirectional Airflow:** Unlike straight-fin heat sinks, pin fins allow air to flow through the heat sink from any direction, making it ideal for systems where the airflow direction is unpredictable or turbulent.
* **Increased Surface Area:** The pin structure maximizes the ratio of surface area to volume, improving heat dissipation in compact spaces.
#### B. Attachment Mechanism (Push-Pin)
Instead of adhesive tapes, this model uses a mechanical **Push-Pin** system:
* **Reliability:** Provides consistent pressure on the component (e.g., a BGA chip), ensuring a better interface between the chip and the heat sink.
* **Serviceability:** Allows for easy removal and re-application of thermal paste if needed.
#### C. Thermal Interface Material (TIM)
The "C2" suffix indicates the type of pre-applied thermal material:
* **T766 Phase Change Material:** This is usually pre-applied to the base. It remains solid at room temperature but melts and fills microscopic gaps when the electronic component heats up, significantly reducing thermal resistance.
---
### 3. Application Use Cases
This specific heat sink is typically found in:
* **Telecommunications:** High-speed routers and switches.
* **Industrial PCs:** Compact motherboards where vertical space is limited (10mm height).
* **Embedded Systems:** Cooling FPGAs, ASICs, or Video Processors.
---
### 4. Part Number Decoder
Understanding the "ATS-15B-85-C2-R0" nomenclature:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **15B:** Series/Family (Push-pin attachment).
* **85:** Specific fin density/pattern design.
* **C2:** Thermal Interface Material (T766) and Blue Anodized finish.
* **R0:** RoHS Compliance (Revision/standard).
- ⤷
What is the thermal resistance of this heat sink at high airflow speeds (e.g.
- ⤷ 200 LFM)?
- ⤷ Are there straight-fin alternatives to the ATS-15B-85-C2-R0 for directional airflow?
- ⤷ What are the PCB hole requirements for the push-pin attachment?