ATS-15B-95-C2-R0
AI

The **ATS-15B-95-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is part of the "pushPIN™" thermal management line manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and electronic/mechanical properties.
---
### 1. General Specifications
This part is designed to dissipate heat from electronic components like CPUs, GPUs, FPGAs, or power transistors to prevent thermal throttling or failure.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | pushPIN™ |
| **Part Number** | ATS-15B-95-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
---
### 2. Physical Dimensions
Precision in dimensions is critical for ensuring the heat sink fits within the allocated PCB real estate.
* **Width/Length:** 40.00 mm x 40.00 mm
* **Height:** 25.00 mm (Distance from the chip surface to the top of the fins)
* **Pitch (Fin Spacing):** Fine Pitch design to maximize surface area.
* **Hole Pattern:** 45.00 mm x 45.00 mm (Required distance between mounting holes on the PCB).
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how efficiently the part moves heat away from the semiconductor junction. The performance improves as airflow (measured in Linear Feet per Minute - LFM) increases.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.29 |
| 200 (1.0 m/s) | 2.48 |
| 300 (1.5 m/s) | 1.47 |
| 500 (2.5 m/s) | 1.01 |
---
### 4. Technical Features
* **pushPIN™ Attachment:** The "15B" designation refers to the specific attachment style. It uses a flexible, spring-loaded pin mechanism that provides high pressure and ensures a secure fit, even under vibration.
* **Thermal Interface Material (TIM):** This specific model ("C2") typically comes with a pre-applied high-performance thermal grease to bridge the microscopic air gaps between the component and the heat sink.
* **Aluminum Construction:** Offers a balance between weight (lightweight) and thermal conductivity.
* **Blue Anodized Coating:** Provides corrosion resistance and slightly improves radiative cooling.
---
### 5. Application Context
The ATS-15B-95-C2-R0 is commonly used in:
* **Telecommunications:** Networking switches and routers.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
- ⤷
What are the specific advantages of pushPIN™ over traditional clip-on heat sinks?
- ⤷ How does the 'C2' suffix in the part number affect thermal conductivity?
- ⤷ Can this heat sink be used with a custom 40mm fan for active cooling?