ATS-15B-97-C2-R0
AI

The **ATS-15B-97-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **push-pin style heat sink** designed for cooling integrated circuits (ICs), such as CPUs, GPUs, or FPGAs.
Below is a detailed breakdown of its specifications and features.
---
### 1. Technical Specifications
This part belongs to the **maxiFLOW™** series by Advanced Thermal Solutions (ATS).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-15B-97-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 2.03° C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Components & Construction
#### A. Heat Sink Geometry (maxiFLOW™)
The "97" series utilizes a tapered fin design. This geometry is engineered to maximize surface area while minimizing pressure drop. The spread-fin pattern is ideal for high-velocity airflow environments.
#### B. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, this model uses **Brass Push-Pins**.
* **Benefits:** Provides consistent pressure to the processor for optimal thermal transfer.
* **Reliability:** Mechanical attachment is more secure than thermal tape in high-vibration or high-heat environments.
* **Springs:** Usually paired with a stainless steel spring to ensure the correct downward force.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a high-performance phase-change material or grease that fills microscopic air gaps between the heat sink and the electronic component to lower thermal resistance.
#### D. Material Coating
The **Blue Anodized** finish is not just aesthetic; it provides:
* Increased corrosion resistance.
* Improved surface emissivity, which slightly aids in radiant heat transfer.
* Electrical insulation of the aluminum surface.
---
### 3. Performance Data
Thermal performance varies based on the airflow (Linear Feet per Minute - LFM) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 2.03 |
| 400 (2.0 m/s) | 1.15 |
| 600 (3.0 m/s) | 0.82 |
---
### 4. Applications
* **Telecommunications:** Cooling of networking switches and routers.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Heat dissipation for high-power transistors.
- ⤷
How do I calculate the required hole pattern on a PCB for this push-pin heat sink?
- ⤷ What are the advantages of the T766 thermal interface material compared to standard thermal pads?
- ⤷ Can this heat sink be used with a custom clip if the push-pins are removed?