AI

The **ATS-15D-07-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power chipsets.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 12.70mm |
| **Thermal Resistance** | 17.00°C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | Straight Fin |
| **RoHS Status** | Compliant |
---
### 2. Breakdown of the Part Number
The alphanumeric string defines the physical and thermal characteristics of the component:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **15:** Refers to the series type (Push-pin attachment).
* **D:** Specific hole pattern/mechanical layout.
* **07:** Indicates the fin height (approximately 12.7mm in this series).
* **C2:** Refers to the thermal interface material (TIM) or specific coating applied. In this case, it usually implies **T766** phase-change material or a high-performance thermal pad is pre-applied.
* **R0:** Revision code, indicating the standard production version.
---
### 3. Key Electronic Functions
While a heatsink does not contain circuitry, its role in an electronic system is critical for:
1. **Thermal Management:** It increases the surface area of a hot component, allowing heat to dissipate into the surrounding air via convection.
2. **Reliability:** By keeping the junction temperature of a semiconductor low, it prevents "thermal throttling" and extends the lifespan of the chip.
3. **Mechanical Stability:** The use of push-pins with springs ensures a constant, even pressure across the die of the electronic component, which optimizes the heat transfer through the Thermal Interface Material (TIM).
---
### 4. Typical Applications
* **Networking Equipment:** Routers, switches, and bridges.
* **Industrial PCs:** Compact motherboards where vertical space is limited.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What are the advantages of push-pin mounting over adhesive tape for heatsinks?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ What is the recommended airflow (LFM) for this specific heatsink?