ATS-15D-07-C3-R0
AI

The **ATS-15D-07-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for thermal management in electronic components like CPUs, GPUs, and FPGAs.
---
### ## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Part Number** | ATS-15D-07-C3-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 17.00°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Fin Style** | Straight Fin |
---
### ## Key Electronic & Physical Components
The performance of this heat sink is determined by its physical design and the materials used to facilitate heat transfer from electronic chips to the surrounding air.
#### 1. Push-Pin Attachment Mechanism
The "15D" series utilizes a brass push-pin with a stainless steel spring. This provides a consistent **7-10 lbs of pressure**, ensuring a tight interface between the chip and the heat sink, which minimizes thermal resistance.
#### 2. Thermal Interface Material (TIM)
The part comes pre-applied with **T412**, a high-performance Phase Change Material.
* **Function:** It fills microscopic air gaps between the heat sink base and the electronic component.
* **Effect:** Significantly improves heat conduction compared to dry mounting.
#### 3. Fin Geometry
It uses a **Straight Fin** design. In electronics, straight fins are ideal for environments with high-velocity airflow (active cooling) as they provide a low-pressure drop and allow air to flow through the channels efficiently.
#### 4. Material Selection
* **AL6063 Aluminum:** Offers high thermal conductivity (~200 W/m·K) while remaining lightweight and cost-effective.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer increases surface emissivity, which helps slightly with radiative heat transfer and protects the aluminum from corrosion.
---
### ## Performance Data (Airflow)
The thermal efficiency depends heavily on the Linear Feet per Minute (LFM) of the airflow within the electronics enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 17.00 |
| 300 (1.5 m/s) | 5.30 |
| 500 (2.5 m/s) | 3.50 |
| 700 (3.5 m/s) | 2.85 |
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the T412 thermal interface material compare to traditional thermal grease?
- ⤷ Can this heat sink be used for passive cooling applications?