ATS-15D-08-C2-R0
AI

The **ATS-15D-08-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 14.61°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 43.00mm x 43.00mm x 20.00mm |
| **Attachment Method** | pushPIN™ |
---
## 2. Key Electronic Features
### Thermal Performance
The "maxiFLOW" design features a flared fin structure. This increases the surface area while maintaining a low pressure drop, which is critical for cooling high-power density components in restricted airflow environments.
### The pushPIN™ Attachment System
This specific model uses a **pushPIN™** assembly. In electronic PCB design, this means:
* **Precision Springs:** Provides a specific "compression force" to ensure optimal contact between the heat sink and the chip.
* **Brass Components:** The pins are typically made of brass or plastic with a stainless steel spring for durability.
* **Pre-drilled Holes:** The PCB must have specific mounting holes to accommodate the 43mm spacing.
### Interface Material (TIM)
The part comes with **T766** pre-applied thermal interface material. This eliminates the need for manual thermal paste application, ensuring a consistent and thin layer for maximum heat transfer from the silicon die to the aluminum fins.
---
## 3. Applications
This part is commonly used in industrial and telecommunications electronics where reliability is paramount:
* **Network Switches/Routers:** Cooling ASICs.
* **Power Supplies:** Heat dissipation for MOSFETs.
* **Embedded Systems:** For processors running in high-ambient temperature enclosures.
---
- ⤷
What are the exact PCB hole requirements for the pushPIN™ attachment?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in natural convection environments without a fan?