ATS-15D-10-C2-R0
AI

The **ATS-15D-10-C2-R0** is a specific electronic component belonging to the thermal management category. It is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS).
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance (Flowing)** | 7.89°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 1.58°C/W @ 400 LFM (High airflow) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Part Number Breakdown
The part number follows a specific nomenclature used by ATS to identify the component's features:
- **ATS**: Advanced Thermal Solutions.
- **15D**: Refers to the pushPIN™ series and heat sink geometry.
- **10**: Indicates the specific fin pitch and height configuration.
- **C2**: Represents the material and finish (typically Aluminum with a Blue Anodized coating).
- **R0**: Refers to the revision and packaging type.
---
## 3. Key Features
### Thermal Performance
Designed for high-performance cooling in tight spaces, the heat sink uses a **cross-cut fin design**. This allows for multidirectional airflow, making it more efficient than straight-fin designs in systems where the air direction might change.
### Secure Attachment
The "pushPIN" system utilizes a flexible spring-loaded mechanism. This ensures:
1. **Constant Pressure:** Maintains optimal contact between the heat sink and the processor/component.
2. **Durability:** Withstands high-vibration environments better than simple adhesive tapes.
3. **Ease of Assembly:** Features pre-drilled holes for rapid installation.
### Pre-applied TIM
The unit comes with **T766 thermal interface material** already applied to the base. This eliminates the need for manual thermal paste application and ensures a high-quality thermal bond right out of the box.
---
## 4. Typical Applications
* **Integrated Circuits (ICs):** CPUs, GPUs, and FPGAs.
* **Telecommunications:** Cooling for high-speed routers and switches.
* **Power Electronics:** Voltage regulators and power transistors.
* **Embedded Systems:** Industrial PCs and automation controllers.
- ⤷
What are the different push-pin material options for this series?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?