ATS-15D-13-C2-R0
AI

The **ATS-15D-13-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions** | 50.00mm x 50.00mm x 15.00mm |
| **Thermal Resistance** | 13.78°C/W (at 100 LFM) |
| **Airflow Design** | Fine Pitch (straight fin) |
---
### 2. Breakdown of the Component Parts
#### A. The Heat Sink Body
The main body is made of **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio. The **15mm height** makes it a "low profile" solution, suitable for compact enclosures where vertical space is limited.
#### B. The Attachment Mechanism (pushPIN™)
Instead of using messy thermal adhesives or fragile clips, this part uses a **Push-Pin** system:
* **Pins:** Usually made of brass or plastic.
* **Springs:** Provide a "firm attachment force," ensuring consistent contact between the heat sink and the component.
* **Mounting Holes:** Requires pre-drilled holes on the PCB (printed circuit board).
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with **T766 thermal phase change material**. This eliminates the need for manual application of thermal paste and ensures optimal heat transfer from the chip to the aluminum fins.
---
### 3. Thermal Performance (LFM - Linear Feet per Minute)
The efficiency of this heat sink depends heavily on the velocity of the air moving through the fins:
| Air Velocity | Thermal Resistance (Unducted) |
| :--- | :--- |
| **100 LFM** | 13.78 °C/W |
| **300 LFM** | 4.33 °C/W |
| **500 LFM** | 2.57 °C/W |
| **700 LFM** | 1.91 °C/W |
---
### 4. Summary of Application
The **ATS-15D-13-C2-R0** is ideal for:
* **Networking Equipment:** Routers and switches with high-density chips.
* **Industrial PCs:** Where vibration resistance is needed (provided by the push-pins).
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
- ⤷How do I calculate if the 13.78°C/W thermal resistance is sufficient for my specific chip?
- ⤷ What are the PCB hole diameter requirements for the ATS pushPIN system?
- ⤷ Is there a version of this heat sink with a different height for tighter spaces?