ATS-15D-142-C2-R0
AI

The **ATS-15D-142-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the *maxiFLOW™* series and is specifically designed for high-performance electronic cooling, such as for BGAs (Ball Grid Arrays).
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 30.00mm x 30.00mm |
| **Height** | 12.70mm |
| **Thermal Resistance** | 4.70°C/W @ 200 LFM |
| **Regulatory** | RoHS Compliant |
---
## 2. Key Design Components
### A. Material and Coating
* **Aluminum Body:** Provides high thermal conductivity for efficient heat dissipation.
* **Blue Anodized Finish:** Not only provides a professional look but also increases surface emissivity, slightly improving radiation heat transfer and protecting the aluminum from corrosion.
### B. maxiFLOW™ Fin Geometry
The fin design is characterized by a "tapered" profile. This specific geometry:
* Reduces pressure drop across the heat sink.
* Increases the surface area for air interaction.
* Optimizes airflow for components that may be located in high-density PCB environments.
### C. pushPIN™ Attachment System
Instead of simple adhesive tape, this model uses a mechanical **pushPIN™** system:
* **Precision Springs:** Ensure the correct amount of pressure (compression) is applied to the TIM (Thermal Interface Material) for maximum heat transfer.
* **Security:** It provides a much more secure attachment than adhesives, making it ideal for high-vibration environments or heavy components.
---
## 3. Thermal Performance
Thermal resistance indicates how efficiently the heat sink removes heat. A lower value is better.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 LFM (1.0 m/s) | 4.70 |
| 400 LFM (2.0 m/s) | 2.82 |
| 600 LFM (3.0 m/s) | 2.02 |
---
## 4. Typical Applications
This heat sink is commonly used for cooling:
* **Processors:** Microprocessors and FPGAs.
* **Networking:** High-speed routers and switches.
* **Power Electronics:** Voltage regulators and high-density power modules.
- ⤷
What is the hole pattern required on the PCB for this pushPIN attachment?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the specific advantages of the C2 material designation in the part number?