ATS-15D-150-C2-R0
AI

The **ATS-15D-150-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide maximum surface area for cooling electronic components.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Thermal Resistance** | 4.82°C/W (@ 1.0 m/s) |
| **Flow Pattern** | Directional (High Performance) |
---
## 2. Key Electronic & Mechanical Features
### A. pushPIN™ Attachment System
This part uses the proprietary **pushPIN™** assembly, which consists of a brass pin and a stainless steel spring.
* **Benefits:** Ensures consistent pressure (clamping force) for optimal thermal interface material (TIM) performance.
* **Reliability:** Re-attachable and resistant to high-vibration environments.
### B. maxiFLOW™ Fin Design
The fin geometry is tapered and spread out to increase the surface area while maintaining a low pressure drop.
* **Heat Dissipation:** Highly effective for high-power processors (CPUs, FPGAs, or ASICs).
* **Airflow:** Designed specifically for directional airflow in server racks or dense PCB layouts.
### C. Thermal Interface Material (TIM)
* **Pre-Applied:** This specific model typically comes with **T766** thermal phase-change material or grease.
* **Function:** Fills microscopic air gaps between the component (chip) and the heat sink to lower thermal resistance.
---
## 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **15D** | Series/Internal Designator |
| **150** | Size/Revision Identifier |
| **C2** | Blue Anodized Finish |
| **R0** | RoHS Compliant Version |
---
## 4. Application Use Cases
1. **High-Speed Networking:** Cooling for switches and routers.
2. **Industrial PCs:** Thermal management in enclosed, fan-cooled environments.
3. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the alternative attachment methods to pushPIN for this size?
- ⤷ How does the thermal resistance change at different air velocities?
- ⤷ Is there a CAD model available for integration into a PCB design?