ATS-15D-166-C3-R0
AI

The **ATS-15D-166-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for cooling electronic components such as CPUs, GPUs, or power modules.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25.00 mm x 25.00 mm x 15.00 mm |
| **Pitch** | 1.10 mm (approx) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 12.30° C/W @ 100 LFM |
| **Spring Type** | ATS-PPS-15 |
---
### 2. Design and Engineering Features
### A. Fin Profile (Straight Fin)
The device uses a **straight-fin** pattern. This design is optimized for environments where there is a consistent, directional airflow. It offers low pressure drop while maximizing the surface area available for heat dissipation.
### B. pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this model uses a specialized push-pin system:
* **Compression Springs:** Provides precise pressure to ensure the thermal interface material (TIM) is fully engaged with the heat source.
* **Hardware:** Features pre-drilled holes for secure mounting to the PCB, reducing the risk of the heat sink shifting during vibration.
### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that the unit comes with **T766** thermal phase change material or similar pre-applied interface, ensuring efficient heat transfer from the electronic chip to the aluminum fins.
---
### 3. Application Use Cases
This specific small-form-factor heat sink is typically found in:
1. **Network Switches:** Cooling ASICs and high-speed processors.
2. **Embedded Systems:** For industrial computers where space is limited.
3. **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
---
- ⤷
What is the difference between Blue Anodized and other finishes like Black Anodized in terms of performance?
- ⤷ Can the pushPIN system be reused if the heat sink is removed from the PCB?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this specific part?