ATS-15D-178-C2-R0
AI

The **ATS-15D-178-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or hardware failure.
---
### 1. Key Technical Specifications
Below are the physical and thermal properties of the component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Base Part Number** | ATS-15D-178-C2-R0 |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height (Off Base)** | 25.00mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
---
### 2. Physical Design Features
The part utilizes a specific design language optimized for airflow within a computer or server chassis:
* **Fin Style:** It features a **Straight Fin** design. This is ideal for systems where airflow is predictable and moves in a single direction across the board.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system. This provides consistent pressure (interface force) between the heat sink and the chip, improving thermal transfer efficiency.
* **Material:** Made of high-grade aluminum, which offers an excellent balance between thermal conductivity and weight.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied thermal interface (T766) to ensure there are no air gaps between the heat sink and the component.
---
### 3. Thermal Performance Indicators
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). A lower number indicates better cooling performance.
| Airflow Velocity (LFM) | Thermal Resistance (Unducted) |
| :--- | :--- |
| 100 LFM (0.5 m/s) | 4.82 °C/W |
| 200 LFM (1.0 m/s) | 2.77 °C/W |
| 300 LFM (1.5 m/s) | 2.38 °C/W |
| 500 LFM (2.5 m/s) | 1.96 °C/W |
---
### 4. Part Number Breakdown (Nomenclature)
Understanding the code helps in identifying variations:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **15D:** Product series and specific pitch.
* **178:** Specific footprint/model identifier.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or packaging code.
- ⤷
What is the difference between Blue Anodized and Black Anodized finishes for heat sinks?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W TDP processor?
- ⤷ What are the mounting hole dimensions required for the push-pin system?