ATS-15D-19-C2-R0
AI

The part number **ATS-15D-19-C2-R0** refers to a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for efficient cooling of electronic components like CPUs, GPUs, and FPGAs.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with Springs) |
| **Thermal Resistance** | 9.77°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 20.00mm |
| **Fin Style** | Straight Fin |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### Component Breakdown
#### 1. Thermal Management (The Fin Design)
The "Straight Fin" design is optimized for high-velocity airflows. It provides a large surface area for heat dissipation while maintaining a relatively low profile (20mm).
#### 2. Attachment Mechanism: pushPIN™
Instead of using messy thermal adhesives or unreliable clips, this unit uses a **Push Pin and Brass Spring** system.
* **Benefits:** Ensures constant, even pressure on the chip for maximum heat transfer.
* **Hardware:** The "R0" suffix typically indicates the specific spring and pin hardware kit included with the unit.
#### 3. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides electrical insulation and improves corrosion resistance.
#### 4. Thermal Interface Material (TIM)
The device comes with **T766** pre-applied to the base. This is a high-performance phase-change material that fills microscopic air gaps between the component and the heat sink, significantly lowering thermal resistance.
---
### Part Number Decoder
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **15D** | Series / Internal SKU |
| **19** | Specific Product Identifier |
| **C2** | Color/Finish (Blue Anodized) |
| **R0** | Revision / Packaging Code |
- ⤷What is the hole pattern requirement for the push pin installation?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Is there a version of this heat sink with a higher height profile for better cooling?