ATS-15D-192-C2-R0
AI

The **ATS-15D-192-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. These parts are critical for maintaining the operational temperature of integrated circuits (ICs), CPUs, and GPUs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Below are the primary specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.35°C/W (at 200 LFM) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Thermal Interface** | T766 (Pre-applied Phase Change Material) |
---
### 2. Physical Design & Features
#### Fin Profile: Straight Fin
This model uses a **Straight Fin** design. This is optimized for high-performance cooling in environments where there is a consistent, directed airflow (longitudinal flow).
#### Attachment Mechanism: Push-Pin
The "15D" series utilizes a push-pin and spring system. This is preferred in manufacturing because:
* It provides **consistent pressure**, ensuring the thermal interface material (TIM) performs optimally.
* It reduces the risk of mechanical stress on the PCB compared to adhesive tapes.
* The pins come in various materials (Plastic or Brass) to match the weight and environment requirements.
#### Thermal Interface Material (TIM)
The **C2** suffix indicates that the part comes with **T766** pre-applied. This is a high-performance phase-change material that melts at operating temperatures to fill microscopic air gaps between the heat sink and the component, significantly lowering thermal resistance.
---
### 3. Electronic Application
This heat sink is typically found in the following electronic sectors:
1. **Telecommunications:** Cooling high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Data Centers:** Low-profile server components where vertical space is limited to 30mm.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 4.39 |
| 200 (1.0 m/s) | 2.35 |
| 400 (2.0 m/s) | 1.49 |
| 600 (3.0 m/s) | 1.13 |
---
- ⤷
How do I calculate if the 2.35\u00b0C/W resistance is sufficient for my chip's TDP?
- ⤷ What are the advantages of Blue Anodized finish over a plain aluminum finish?
- ⤷ Can this heat sink be mounted on a PCB without pre-drilled holes?