ATS-15D-196-C2-R0
AI

## Electronic Component Analysis: ATS-15D-196-C2-R0
The **ATS-15D-196-C2-R0** is a high-performance thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to cool electronic components such as CPUs, GPUs, or high-power transistors.
---
### 1. Key Technical Specifications
Based on the part number, here are the primary technical characteristics:
| Attribute | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Attachment Method** | Push-Pin (Plastic) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | ~18.11 °C/W (Unducted Flow) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **TIM (Thermal Interface Material)** | T766 (High Performance) |
---
### 2. Design and Construction
The design of this heat sink is optimized for specific airflow environments:
* **Fin Style (Straight Fin):** This model uses a straight-fin design, which provides a large surface area for heat dissipation. It is most effective in systems with forced-air cooling (fans).
* **Push-Pin Mounting:** The "15D" series utilizes a spring-loaded push-pin mechanism. This ensures consistent pressure across the interface, improving heat transfer and making installation tool-free.
* **Aluminum 6063:** The use of lightweight aluminum ensures a high strength-to-weight ratio and excellent thermal conductivity.
---
### 3. Part Number Decoder
Understanding the "ATS-15D-196-C2-R0" nomenclature helps in identifying variants:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **15D:** Series identifier (Push-Pin Heat Sink).
* **196:** Specific size and fin configuration.
* **C2:** Material/Color code (typically Blue Anodized).
* **R0:** Revision/Packaging status.
---
### 4. Thermal Performance
Thermal resistance varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200** | 18.11 |
| **400** | 10.95 |
| **600** | 8.80 |
---
- ⤷
What are the differences between plastic push-pins and brass push-pins in this series?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W component?
- ⤷ Are there low-profile versions of the ATS-196 available?