ATS-15D-210-C2-R0
AI

The **ATS-15D-210-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for the thermal management of electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Dimensions (L x W x H)** | 70.00 mm x 70.00 mm x 6.00 mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 5.18 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.21 °C/W @ 100 LFM |
| **Fin Pitch** | Fine-Pitch |
| **Fin Pattern** | XC-CUT |
---
### 2. Key Electronic Features
* **Thermal Management:** The primary role of this part is to dissipate heat from integrated circuits (ICs). By increasing the surface area, it prevents thermal throttling and hardware failure.
* **XC-CUT Pattern:** The "XC-CUT" design features a cross-cut fin geometry. This creates more turbulence in the airflow, which significantly improves heat transfer compared to straight-fin designs in low-airflow environments.
* **PushPIN™ Mounting:** This part utilizes a specialized mounting system consisting of a brass or plastic pin and a high-performance compression spring. This ensures:
* **Consistent Pressure:** Maintains even contact between the heat sink and the chip.
* **Vibration Resistance:** Ideal for industrial or automotive electronics.
* **Blue Anodized Finish:** Beyond aesthetics, the anodization protects the aluminum from corrosion and slightly improves thermal emissivity.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
| Segment | Meaning |
| :--- | :--- |
| **ATS-15** | Series identification |
| **D** | Attachment type (PushPIN) |
| **210** | Specific geometry/size code |
| **C2** | Thermal Performance/Material grade |
| **R0** | RoHS compliant / Revision |
---
### 4. Application Use-Case
This specific model is a **low-profile** heat sink (only 6mm high). It is typically used in:
* **1U Servers:** Where vertical space is extremely limited.
* **Embedded Systems:** For cooling SoCs (System on Chips).
* **Networking Gear:** Cooling high-speed switches or routers.
- ⤷
What is the recommended Thermal Interface Material (TIM) for this heat sink?
- ⤷ How do the 'XC-CUT' fins compare to 'Straight Fin' designs in high-velocity airflow?
- ⤷ Are there different spring tensions available for the pushPIN mounting system?