ATS-15D-25-C2-R0
AI

## Technical Overview: ATS-15D-25-C2-R0
The **ATS-15D-25-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components like CPUs, GPUs, and FPGAs that require high thermal efficiency in constrained airflows.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and thermal properties of the component:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **ATS** | Manufacturer | Advanced Thermal Solutions |
| **15D** | Attachment Type | push-PIN™ |
| **25** | Dimension (Width) | 45.00 mm (Approx. based on series) |
| **C2** | Thermal Interface | T766 (High Performance Phase Change) |
| **R0** | RoHS Status | Compliant / Revision 0 |
---
### 2. Core Specifications
This part is engineered for high-density electronic assemblies. Below are the primary mechanical and thermal characteristics:
* **Dimensions:** 45.00mm x 45.00mm (Base)
* **Height:** 25.00 mm
* **Material:** Aluminum 6063
* **Finish:** Blue Anodized
* **Attachment Method:** push-PIN™ with a specialized brass spring and plastic pin.
* **Fin Style:** Straight (High-performance maxiFLOW™ profile).
---
### 3. Thermal Performance Data
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). Lower values indicate better cooling performance.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) - Unducted |
| :--- | :--- |
| 200 (1.0 m/s) | 6.26 |
| 400 (2.0 m/s) | 3.17 |
| 600 (3.0 m/s) | 2.15 |
| 800 (4.0 m/s) | 1.84 |
---
### 4. Key Electronic Applications
This specific heat sink is typically used in the following electronic environments:
1. **Networking & Telecom:** Switches and routers where airflow is directional.
2. **Power Electronics:** Cooling MOSFETs or IGBT modules.
3. **Embedded Computing:** High-speed processors in industrial PCs.
4. **Field Programmable Gate Arrays (FPGAs):** Providing thermal stability for high-gate-count chips.
### 5. Attachment Mechanism
The **push-PIN™** system used in the ATS-15D-25-C2-R0 ensures:
* **High Pressure:** Provides consistent contact between the heat sink and the chip.
* **Tool-less Installation:** Allows for quick assembly on PCBs with pre-drilled holes.
* **Vibration Resistance:** The compression springs handle mechanical stress better than simple adhesive tapes.
---
- ⤷
What are the PCB hole requirements for the push-PIN attachment used in this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Is there a low-profile version of the ATS-15D-25-C2-R0 for height-restricted enclosures?