ATS-15D-27-C2-R0
AI

The **ATS-15D-27-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or GPUs.
Below is a breakdown of its technical specifications and features.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-15D-27-C2-R0 |
| **Component Type** | Heat Sink |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
---
### 2. Physical Dimensions
This model is part of the **maxiFLOW™** line, known for its unique flared fin geometry which maximizes surface area for air convection.
* **Length:** 70.00 mm
* **Width:** 70.00 mm
* **Height (Fin Depth):** 12.70 mm
* **Pitch (Hole Spacing):** 63.00 mm (center-to-center for mounting)
---
### 3. Thermal Performance
The performance of a heat sink is measured by its **Thermal Resistance**. Lower values indicate better cooling efficiency.
| Airflow Velocity | Thermal Resistance (Unducted) | Thermal Resistance (Ducted) |
| :--- | :--- | :--- |
| **@ 1.0 m/s (200 LFM)** | 12.24 °C/W | 1.77 °C/W |
| **@ 2.0 m/s (400 LFM)** | 5.84 °C/W | 1.25 °C/W |
| **@ 3.0 m/s (600 LFM)** | 3.56 °C/W | 1.06 °C/W |
---
### 4. Key Electronic/Mechanical Features
* **pushPIN™ Mounting:** This part utilizes a specialized spring-loaded pin mechanism. It ensures consistent pressure (clamping force) on the electronic chip, which improves thermal transfer and prevents the heat sink from shifting during vibration.
* **Pre-Applied Thermal Interface Material (TIM):** The "R0" designation typically indicates that the part comes with a pre-applied high-performance thermal pad or grease (specifically **T766**), simplifying the assembly process.
* **Material Science:** Made from **AL-6063**, an aluminum alloy frequently used for extrusions due to its excellent thermal conductivity and structural integrity.
* **Compliance:** The part is **RoHS and REACH compliant**, meeting environmental safety standards for electronic manufacturing.
---
### 5. Application Use-Case
This component is typically found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling MOSFETs or power modules where vertical space is limited (due to its low 12.7mm profile).
- ⤷
What is the difference between ducted and unducted thermal resistance in this context?
- ⤷ Can the pushPIN mounting system be reused if the component needs replacement?
- ⤷ How does the 'Blue Anodized' finish affect the heat sink's performance?