ATS-15D-47-C2-R0
AI

The **ATS-15D-47-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling integrated circuits (ICs) and other PCB components.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 25mm x 25mm x 30mm (LxWxH) |
| **Thermal Resistance** | 9.30°C/W (at 200 LFM) |
| **Attachment Method** | Push Pin (Brass) |
| **Pressure Spring** | Stainless Steel |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Electronic Components & Features
#### 1. Heat Sink Body (Extrusion)
The core of the part is a high-aspect-ratio aluminum extrusion. The vertical fins provide a large surface area relative to its 25mm base, which is critical for dissipating heat from small chips into the surrounding air.
#### 2. Push Pin Attachment
Unlike adhesive-based heat sinks, the "15D" series uses a mechanical **push pin** system.
* **Spring-Loaded:** Provides consistent pressure on the processor, ensuring optimal contact with the Thermal Interface Material.
* **Reliability:** Mechanical mounting is preferred in high-vibration environments or for components that generate significant heat (which can weaken adhesives).
#### 3. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* **Purpose:** This material fills microscopic air gaps between the heat sink surface and the electronic chip, significantly reducing thermal resistance.
#### 4. Blue Anodized Coating
The blue anodization is not just for aesthetics; it provides:
* **Corrosion Resistance:** Protects the aluminum from oxidation.
* **Electrical Insulation:** Provides a thin layer of non-conductive protection (though not to be relied upon for high-voltage isolation).
* **Thermal Emissivity:** Improves heat radiation compared to polished aluminum.
---
### Performance Data
The cooling efficiency depends on the airflow (Linear Feet per Minute - LFM) within the electronic enclosure:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Unducted)** | 11.57 |
| **200 (Unducted)** | 9.30 |
| **300 (Unducted)** | 7.97 |
---
### Typical Applications
This specific size and mounting style are commonly found in:
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or small voltage regulators.
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ How do I calculate the required LFM for my specific chip?
- ⤷ What are the PCB hole requirements for the push-pin mounting?