ATS-15D-52-C2-R0
AI

The **ATS-15D-52-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for high-density electronic cooling.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 25mm |
| **Thermal Resistance** | 10.79°C/W (at 100 LFM) |
| **Fin Pattern** | Fine Pitch (Straight Fin) |
| **Weight** | ~40 grams |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical and thermal characteristics:
* **ATS-15**: The series identifier (Advanced Thermal Solutions).
* **D**: Designates the specific attachment type or hole pattern.
* **52**: Represents the specific fin geometry and thermal profile.
* **C2**: Indicates the material/finish (Aluminum with Blue Anodized finish).
* **R0**: Refers to the revision code or packaging standard.
---
### 3. Key Electronic Cooling Features
#### A. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, this model uses a **pushPIN™ system**. This provides:
* **Consistent Pressure:** Ensures optimal contact between the heat sink and the electronic component (CPU/GPU/FPGA).
* **Reliability:** Resistant to vibration and shock, making it suitable for industrial or aerospace applications.
#### B. Thermal Interface Material (TIM)
The "C2" variant typically comes pre-applied with a high-performance thermal interface material. This fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance.
#### C. Airflow Optimization
The straight-fin design is optimized for **forced convection** (active cooling with fans). It allows air to pass through the fins with minimal pressure drop, which is critical for maintaining low operating temperatures in dense PCB layouts.
---
### 4. Common Applications
* **Computing:** Cooling of Southbridge/Northbridge chipsets.
* **Networking:** High-speed routers and switches.
* **Power Electronics:** Voltage regulators and power modules.
* **Industrial:** Embedded systems requiring passive or active cooling in harsh environments.
- ⤷
What are the specific mounting hole dimensions for the pushPIN system on this heat sink?
- ⤷ How does the thermal resistance change at higher airflows (e.g.
- ⤷ 500 LFM)?
- ⤷ Are there alternative finishes available for this specific ATS model?