ATS-15D-54-C2-R0
AI

The **ATS-15D-54-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs) and surface-mount devices.
---
### 1. Technical Specifications
The part number itself contains encoded specifications regarding its dimensions and material properties.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 35.00 mm x 35.00 mm |
| **Height (H)** | 25.00 mm |
| **Fin Style** | Square-Pin (High flow) |
| **Attachment Type** | Push-Pin (Brass) |
| **Thermal Resistance** | ~7.00°C/W (at 100 LFM) |
---
### 2. Physical Design Components
#### A. Fin Pattern (Square-Pin)
Unlike traditional straight-fin heat sinks, this model uses a **Square-Pin** array.
* **Purpose:** This design allows for omnidirectional airflow, meaning the air can enter from any side.
* **Efficiency:** It breaks up boundary layers more effectively than straight fins, increasing the heat transfer coefficient in low-airflow environments.
#### B. Material and Coating
* **Aluminum 6063:** This alloy is chosen for its excellent thermal conductivity and structural integrity.
* **Blue Anodizing:** The blue coating is not just aesthetic; it provides a protective oxide layer that increases surface emissivity and prevents corrosion.
#### C. Mounting Mechanism (Push-Pin & Spring)
The "R0" designation refers to the specific attachment kit included:
* **Brass Push-Pins:** Provide a secure, vibration-resistant connection to the PCB.
* **Compression Springs:** These ensure constant downward pressure on the component (e.g., a CPU or FPGA), which is critical for maintaining contact with the Thermal Interface Material (TIM).
---
### 3. Application Use Cases
The ATS-15D-54-C2-R0 is typically used in the following electronic environments:
1. **Telecommunications:** Cooling networking switches and routers.
2. **Embedded Systems:** For processors that generate significant heat in compact enclosures.
3. **Industrial Controls:** High-power transistors and power supplies.
---
### 4. Comparison of Thermal Performance
The efficiency of this part depends heavily on the Linear Feet per Minute (LFM) of airflow provided by a system fan:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Low) | 7.00 |
| 300 (Medium) | 3.10 |
| 500 (High) | 2.15 |
---
- ⤷
How does the 'push-pin' mounting compare to adhesive thermal tape?
- ⤷ What is the recommended Thermal Interface Material (TIM) for this heat sink?
- ⤷ Can this heat sink be used for passive cooling without a fan?