ATS-15D-55-C2-R0
AI

The **ATS-15D-55-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number itself follows a specific nomenclature used by ATS to define the physical and thermal properties of the component.
| Property | Value / Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (with Compression Springs) |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height (H)** | 10mm (Low Profile) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | ~24.00°C/W (Unducted @ 100 LFM) |
---
### 2. Physical Design Features
#### **A. Fin Profile (Cross-Cut)**
This heatsink features a **cross-cut** design. Unlike standard straight-fin heatsinks, cross-cut fins allow for multi-directional airflow. This is critical in cramped electronic enclosures where the direction of the system fan's airflow might be inconsistent or obstructed.
#### **B. Push-Pin Attachment**
The "R0" designation refers to the attachment mechanism. This model uses a push-pin and spring assembly:
* **Security:** Provides high-pressure contact between the heatsink and the component.
* **Thermal Interface:** It is typically pre-assembled with **Phase Change Material (PCM)** or high-performance thermal tape (T766) to ensure maximum heat transfer from the chip to the aluminum.
---
### 3. Electronic Application
This part is commonly used in the following electronic environments:
1. **Telecommunications:** Cooling network switches and routers.
2. **Embedded Systems:** Protecting SoCs (System on Chips) in industrial automation.
3. **Power Electronics:** Managing heat for high-voltage regulators.
4. **PCBs:** Ideal for boards with 3.2mm or 4.7mm holes for push-pin mounting.
---
### 4. Thermal Performance Table
Thermal resistance indicates how effectively the unit cools. Lower values are better at higher airflows.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 24.00 |
| 300 | 1.5 | 7.20 |
| 500 | 2.5 | 4.60 |
| 700 | 3.5 | 3.50 |
- ⤷
What is the specific push-pin hole diameter required for this heatsink?
- ⤷ Does this model come with pre-applied thermal interface material?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?