ATS-15D-56-C2-R0
AI

The **ATS-15D-56-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide high cooling efficiency in constrained airflow environments.
---
## 1. Technical Specifications
Below is a breakdown of the core technical parameters for this part:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions | ATS |
| **Thermal Resistance** | 3.05°C/W (@ 200 LFM) | Lower is better for heat dissipation |
| **Material** | Aluminum | Lightweight with high conductivity |
| **Finish** | Blue Anodized | Protects against corrosion and enhances radiation |
| **Attachment Method** | pushPIN™ | Uses a spring-loaded pin mechanism |
| **Dimensions** | 37.00mm x 37.00mm | Footprint size |
| **Height** | 15.00mm | Profile height |
---
## 2. Key Design Features
### A. maxiFLOW™ Fin Geometry
Unlike standard straight-fin heatsinks, the **maxiFLOW** design features a "flared" fin structure. This increases the surface area and creates more turbulence in the airflow, which significantly improves the convection heat transfer coefficient without requiring a massive increase in physical size.
### B. pushPIN™ Attachment System
The "R0" suffix indicates the use of the **pushPIN™** assembly. This system includes:
* **Compression Springs:** Ensure even pressure across the component (TIM - Thermal Interface Material) for maximum contact.
* **Flexible Mounting:** Designed with pre-drilled holes in the PCB to provide a secure, vibration-resistant fit.
### C. Material Composition
The part is made of **6063 Aluminum Alloy**, which offers a balance between thermal conductivity and structural rigidity. The **Blue Anodized** finish is not just aesthetic; it provides a high-emissivity surface that aids in radiative cooling.
---
## 3. Application Use Cases
This specific heatsink is typically used for cooling medium-power electronic components, including:
* **ASICs and FPGAs:** High-speed processing units that generate localized heat.
* **Northbridge/Southbridge:** Motherboard chipsets.
* **Network Switches:** Cooling for high-density telecommunications equipment.
---
## 4. Performance Data (Example Airflow)
Thermal performance varies based on the velocity of air (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 3.05 |
| 400 (2.0 m/s) | 1.71 |
| 600 (3.0 m/s) | 1.15 |
---
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?
- ⤷ How does the flared fin design compare to a straight fin design in low-airflow conditions?