ATS-15D-62-C2-R0
AI

The **ATS-15D-62-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It is manufactured by *Advanced Thermal Solutions, Inc.*
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-15D-62-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 16.48°C/W (at 100 LFM) |
| **Flow Direction** | Vertical / Omni-Directional |
---
### 2. Key Design Features
* **pushPIN™ Attachment:** This model uses a specialized push-pin system with a brass/plastic pin and a compression spring. This ensures consistent pressure across the component for maximum heat transfer.
* **High-Performance Fin Design:** The "62" series typically refers to a specific fin density and pattern optimized for both natural and forced convection cooling.
* **Pre-Applied Thermal Interface Material (TIM):** Most "C2" versions come with a high-performance thermal pad or grease pre-applied to the base, reducing assembly time.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization increases surface emissivity, slightly improving radiation cooling and protecting the aluminum from corrosion.
---
### 3. Part Number Decoder
Understanding the "ATS-15D-62-C2-R0" nomenclature:
1. **ATS-15D**: Identifies the base product series and physical footprint.
2. **62**: Refers to the specific fin height and configuration (15mm height in this case).
3. **C2**: Indicates the thermal interface material (TIM) type and the Blue Anodized finish.
4. **R0**: Refers to the revision and packaging standard.
---
### 4. Applications
This heatsink is commonly used in:
* **Network Switches/Routers:** Cooling high-speed processors.
* **Embedded Systems:** For industrial PCs where space is limited.
* **Power Electronics:** Managing heat in MOSFETs or Voltage Regulators.
- ⤷What is the difference between pushPIN and adhesive mounting for this heatsink?
- ⤷ How does airflow speed (LFM) affect the thermal resistance of this part?
- ⤷ Can this heatsink be used on a BGA package?