ATS-15D-63-C2-R0
AI

The **ATS-15D-63-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) such as CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-pin (Spring-loaded) |
| **Thermal Resistance** | 2.85°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Fin Pattern** | Cross-Cut |
---
### 2. Physical Design Features
The construction of this heat sink is optimized for specific airflow environments:
* **Cross-Cut Fin Pattern:** Unlike straight fins, the cross-cut design allows for airflow from any direction (omnidirectional). This is ideal for crowded PCBs where airflow might be turbulent or unpredictable.
* **Push-Pin Mounting:** It uses a brass or plastic push-pin with a stainless steel spring. This provides a precise "clamping force" to ensure the heat sink makes firm contact with the chip, improving thermal transfer.
* **C2 Material Grade:** Indicates the use of an **Aluminum 6063** alloy, which provides an excellent balance between structural strength and high thermal conductivity.
---
### 3. Electronic Application
This part is generally used in high-power electronic systems to prevent thermal throttling or hardware failure.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** phase-change material or a high-performance thermal pad, reducing the need for manual thermal paste application.
* **Target Components:** It is sized perfectly for standard 40mm BGA (Ball Grid Array) packages used in networking switches, industrial controllers, and telecommunications hardware.
---
### 4. Part Number Breakdown (Nomenclature)
Understanding the code helps in selecting the right variant:
| Segment | Meaning |
| :--- | :--- |
| **ATS-15** | Advanced Thermal Solutions - pushPIN™ Series |
| **D** | Material/Attachment Configuration |
| **63** | Design ID / Dimensions Reference |
| **C2** | Thermal Interface Material (TIM) and Finish Type |
| **R0** | Revision / Packaging Code |
- ⤷
What is the maximum power dissipation (Watts) this heat sink can handle safely?
- ⤷ What are the specific hole patterns required on the PCB for the push-pin mounting?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to a plain finish?