ATS-15D-66-C2-R0
AI

The **ATS-15D-66-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by **Advanced Thermal Solutions (ATS)** and belongs to their "maxiFLOW" product line, designed to provide efficient cooling for integrated circuits (ICs) and other electronic components.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-15D-66-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Brass Pins) |
| **Thermal Resistance** | 5.77°C/W (at 200 LFM) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 25.00mm |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## Detailed Electronic Functionality
### 1. Thermal Management
This part is a passive electronic component. It does not carry electricity itself but is critical for the **thermal stability** of active components like CPUs, FPGAs, or GPUs. By increasing the surface area exposed to the air, it facilitates the dissipation of heat generated by the junction of a semiconductor.
### 2. pushPIN™ Attachment Mechanism
Unlike traditional heat sinks that use adhesive tape, this model uses a specialized **pushPIN™** system. This provides:
* **Constant Pressure:** Ensures optimal contact between the heat sink and the chip.
* **Mechanical Stability:** Prevents the heat sink from shifting during vibration or transport.
* **Ease of Rework:** Can be removed and reattached more easily than epoxy-based solutions.
### 3. Thermal Interface Material (TIM)
The "C2" in the part number indicates the specific thermal interface material. The **T766** compound is pre-applied to the base. This material fills the microscopic air gaps between the chip and the heat sink, significantly reducing thermal impedance.
---
## Application Use Cases
* **Networking Equipment:** Used on switches and routers to cool high-speed processing chips.
* **Industrial PCs:** Provides cooling in environments with high ambient temperatures.
* **Power Supplies:** Dissipating heat from power MOSFETs or voltage regulators.
- ⤷
What is the significance of the 'Blue Anodized' finish on this heat sink?
- ⤷ How does the LFM (Linear Feet per Minute) airflow affect the thermal resistance of this part?
- ⤷ Are there alternative attachment methods for the ATS-66 series if pushPIN is not suitable?