ATS-15D-70-C2-R0
AI

The **ATS-15D-70-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is designed for high-density electronic cooling applications.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Heat Sink Type** | pushPIN™ HS Assembly |
| **Thermal Resistance** | 8.70°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height** | 25.00 mm |
| **Pitch** | Fine Pitch (straight fin) |
---
### 2. Key Electronic Features
#### A. Thermal Interface Material (TIM)
The "R0" suffix indicates the type of Thermal Interface Material pre-applied to the base.
* **Material:** T766 (High-performance phase change material).
* **Function:** Fills microscopic air gaps between the semiconductor (CPU, GPU, or FPGA) and the heat sink base to maximize heat transfer.
#### B. pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, this model uses a specialized mechanical fastening system:
* **Components:** Brass or plastic pins and stainless steel springs.
* **Benefit:** Provides a precise, repeatable pressure (Force) across the electronic component, ensuring optimal thermal contact without damaging the PCB.
#### C. Aerodynamic Fin Design
The part uses a **Straight-Fin** pattern. This is optimized for:
* **Directional Airflow:** Best used when there is a specific fan path in the electronic enclosure.
* **Low Pressure Drop:** Allows air to pass through with minimal resistance, reducing the load on system fans.
---
### 3. Applications
This part is commonly found in the following electronic sectors:
* **Telecommunications:** Cooling high-speed networking switches.
* **Computing:** Embedded processors and power modules.
* **Industrial:** Motor controllers and power supplies where space is limited but heat generation is high.
---
- ⤷
What is the difference between the C2 and C1 versions of this heat sink?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for my specific processor?
- ⤷ Are there alternative mounting options if pushPIN is not supported by my PCB?