ATS-15D-71-C2-R0
AI

The **ATS-15D-71-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the physical and thermal properties of the device.
| Parameter | Specification |
| :--- | :--- |
| **Product Type** | push-PIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Fin Type** | Straight Fin |
| **Attachment Method** | Push-PIN (Spring Loaded) |
| **Thermal Resistance** | 6.67°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Finish** | Blue Anodized |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring compatibility with the PCB layout and avoiding interference with surrounding components.
| Dimension | Measurement |
| :--- | :--- |
| **Length/Width** | 45.00 mm x 45.00 mm |
| **Height** | 30.00 mm |
| **Mounting Hole Spacing** | 38.00 mm |
| **Push-Pin Material** | Brass / Plastic (Standard) |
---
### 3. Key Features and Applications
The "C2" in the part number indicates a specific combination of material and thermal interface properties.
* **push-PIN™ Mounting:** This system uses a flexible, tool-free mechanism with a compression spring. This ensures a consistent pressure on the heat source (the "chip"), which optimizes thermal transfer.
* **Vertical Fin Design:** The straight-fin design is optimized for environments with high-velocity airflow (active cooling) where a fan is moving air across the heat sink.
* **Thermal Interface Material (TIM):** This model comes with **T766** pre-applied. TIM is the "paste" or "pad" that fills microscopic air gaps between the heat sink and the electronic component to improve heat conductivity.
### 4. Part Number Breakdown
```text
ATS - 15 - D - 71 - C2 - R0
| | | | | |
| | | | | Revision
| | | | Thermal Interface/Finish (Blue Anodized)
| | | Height Code
| | Push-Pin Type
| Series Number
Manufacturer Prefix
```
---
- ⤷
What are the alternative mounting methods for ATS heat sinks if push-pins cannot be used?
- ⤷ How does the 'C2' finish affect the heat sink's thermal performance compared to 'C1'?
- ⤷ What is the recommended airflow direction for straight-fin heat sinks like the ATS-15D-71-C2-R0?